PART |
Description |
Maker |
DM74ALS00 DM74ALS00A DM74ALS00AM DM74ALS00AN DM74A |
Quad 2-Input NAND Gates Low-Offset Voltage Operational Amplifier 8-SOIC 0 to 70 ALS SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74ALVC32 74ALVC32MTC 74ALVC32M 74ALVC32MX |
LOGIC GATE|QUAD 2-INPUT OR|AVC/ALVC-CMOS|SOP|14PIN|PLASTIC ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14 Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
DM74AS32 DM74AS32M DM74AS32N DM74AS32SJ DM74AS32MX |
Quad 2-Input OR Gate AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
74AC86 74AC86PC 74AC86SJ 74AC86SJX 74AC86MTCX 74AC |
IC-SM-74AC ADVANCED CMOS 集成电路Sm - 74AC先进的CMOS From old datasheet system Quad 2-Input Exclusive-OR Gate Quad 2-input Exclusive OR (XOR) Gate Complete High-Speed CMOS, 12-Bit ADC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14 CMOS, 8-Bit-Compatible, 12-Bit DAC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74LVC08A 74LVC08AMTR 74LVC08A04 74LVC08AM 74LVC08A |
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE LVC/LCX/Z SERIES, QUAD 2-INPUT AND GATE, PDSO14
|
STMicroelectronics
|
74VCX32M |
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
ACTS86D ACTS86DMSR ACTS86HMSR ACTS86K ACTS86KMSR A |
ACT SERIES, QUAD 2-INPUT XOR GATE, CDFP14 Radiation Hardened Quad 2-Input Exclusive OR Gate From old datasheet system
|
INTERSIL[Intersil Corporation]
|
ACS86MS ACS86KMSR ACS86K ACS86HMSR ACS86DMSR ACS86 |
From old datasheet system Radiation Hardened Quad 2-Input Exclusive OR Gate AC SERIES, QUAD 2-INPUT XOR GATE, UUC16
|
INTERSIL[Intersil Corporation]
|
600110 61713 61721 61715 61717 61719 60025 600010 |
ENTLOETLITZE SERIE 60 B 0.9MM L 1.5M ENTLOETLITZE SERIE 60 B 3.9MM L 1.5M ENTLOETLITZE SERIE 60 B 1.5MM L 1.5M ENTLOETLITZE SERIE 60 B 1.9MM L 1.5M ENTLOETLITZE SERIE 60 B 2.8MM L 1.5M SODER-WICK SMT NO CLEAN SD 瑟德芯表面贴装免清洗
|
Ametherm, Inc.
|